Part Number Hot Search : 
32MPD EP4856 SK304 EP8200 SUT041C 0SD518 TM50D AD802
Product Description
Full Text Search
 

To Download 0412120000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | germin krg | disconnect terminals | 4 mm2 - 1 - general ordering data order no. 0412120000 part designation sakr krg version disconnect and modular disconnect terminal, 4 mm2, screw connection, krg, medium yellow, ts 32 ean 4008190074180 qty. 100 pc(s). product notes note, technical data torque for sakr with socket: 0.5 - 0.7 nm. note, accessories qb 25 blank, refer to "accessories" section. note that max. conductor connection with qb = 2.5 mm2. twin wire-end ferrules zh 0.5 - zh 1.5 can be used. pt okiecex/atex rating data eu-type examination certificate sira03atex4288u download english sira03atex4288u_e.pdf iecex certificate of conformity iecexsir05.0033u download iecexsir05.0033u_e.pdf atex voltage 400 v atex current 10 a atex conductor cross-section 4 mm2 iecex voltage 400 v iecex current 10 a iecex conductor cross-section 4 mm2 voltage when using cross-connections crossconnectionguide.pdf operating temperature range einsatztemperaturbereich siehe eg- baumusterprfbescheinigung/iecex-certificate of conformity additional technical data colour of insulating material medium yellow connection direction on side
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | germin krg | disconnect terminals | 4 mm2 - 2 - additional technical data end plate required yes explosion-tested version "ex e" yes installation advice ts 32 insulating material krg levels cross-connected internally no no. of identical terminals 1 no. of levels 1 no. of terminal strips per level 2 open sides right operating temperature range - 60 c, + 130 c product family sak series type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material 5va version test-disconnect terminals csa rating data voltage (csa) 300 v csa current 10 a min. cross-section (csa) awg 22 max. cross-section (csa) awg 12 conductors for clamping (additional connection) flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 2.5 mm2 conductors for clamping (rated connection) clamping range, min. 0.13 mm2 clamping range, max. 4 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 8 mm clamping screw m 3 blade size 0.6 x 3.5 mm tightening torque range 0.5...1.0 nm torque level with dms electric screwdriver 2 gauge to iec 60947-1 a3 solid, min. 0.5 mm2 solid, max. 4 mm2 stranded, min. 1.5 mm2 stranded, max. 4 mm2 flexible, min. 0.5 mm2 flexible, max. 4 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 2.5 mm2 twin wire-end ferrule, min. 0.5 mm2 twin wire end ferrule, max. 1.5 mm2 awg conductor size, min. awg 26
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | germin krg | disconnect terminals | 4 mm2 - 3 - conductors for clamping (rated connection) awg conductor size, max. awg 12 awg conductor size, min. 0.13 mm2 awg conductor size, max. 3.31 mm2 dimensions width 6.5 mm height of lowest version 40.5 mm length 42 mm ts 32 offset 21 mm disconnect terminals cross-disconnect without integral test socket no slitting pivoting torque level with dms electric screwdriver 2 rating data rated cross-section 4 mm2 rated voltage 400 v rated impulse voltage 6 kv rated current 10 a standards iec 60947-7-1 current with max. conductor 10 a pollution severity 3 ul rating data voltage (ul) 300 v current (ul) 10 a min. cross-section (ul) awg 22 max. cross-section (ul) awg 12 approvals approvals institutes classifications etim 2.0 ec000902 etim 3.0 ec000902 eclass 4.1 27-14-11-17 eclass 5.0 27-14-11-26 eclass 5.1 27-14-11-26 similar products order no. part designation version
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | germin krg | disconnect terminals | 4 mm2 - 4 - 0340720000 sakc 4 krg disconnect and modular disconnect terminal, 4 mm2, screw connection, krg, medium yellow, ts 32 0412220000 sakr 2stb krg disconnect and modular disconnect terminal, 4 mm2, screw connection, krg, medium yellow, ts 32


▲Up To Search▲   

 
Price & Availability of 0412120000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X